PART |
Description |
Maker |
3CN00353AA |
Telecomm/Datacomm 电信/数据通信
|
Sony, Corp.
|
BU-65552M2-300 BU-65551M2-300 BU-65550M2-300 BU-65 |
Telecomm/Datacomm 电信/数据通信
|
Glenair, Inc.
|
RX77R1A-P1000 RX77R1A-P4000 |
Telecomm/Datacomm 电信/数据通信
|
Epson (China) Co., Ltd.
|
BCM3214 |
Telecomm/Datacomm From old datasheet system
|
Broadcom
|
3CN00577BB 3CN00532BB 3CN00578BA 3CN00577AB |
Telecomm/Datacomm 电信/数据通信 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 电信提供数据通信
|
STMicroelectronics N.V. 3M Company Glenair, Inc.
|
M-980-02P |
Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Clare (C P), Solid State Products
|
VSC9187 |
Telecomm / Datacomm VSC9187 Bromley - 3045 x 3045 VT1.5 TSI Switch Fabric VSC9187 Bromley - 3045 x 3045 VT1.5 TSI Switch Fabric
|
Vitesse Semiconductor Corporation http://
|
MCP2120-I MCP2120T-I/SL MCP2120-I/P MCP2120-I/SL |
The MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) optical transceiver The data received from a standard UART is encoded (modulated), and output as elect MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) ... IC,ENCODER/DECODER, TELECOMM/DATACOMM,CMOS,SOP,14PIN,PLASTIC
|
Microchip Technology Inc
|
1274045-1 |
F Series and G Series; PLUG,VERTICAL,PCB,G SERIES ( AMP )
|
Tyco Electronics
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
W8486A |
EPM Series Power Meters E-Series and 8480 Series Power Sensors
|
Keysight Technologies
|